Electronic Components Datasheet Search
  English  ▼

X  

MRF1035 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF1035
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1035 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF1035 Datasheet HTML 1Page - Tyco Electronics MRF1035 Datasheet HTML 2Page - Tyco Electronics MRF1035 Datasheet HTML 3Page - Tyco Electronics MRF1035 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Series Equivalent Input/Output Impedances
0
500
PIN, INPUT POWER (WATTS)
f
MHz
Zin
OHMS
ZOL*(1)
OHMS
1025
1050
1090
1125
1150
1.92 + j3.80
2.44 + j3.92
3.55 + j3.02
4.11 + j2.27
4.13 + j1.35
2.52 + j0.70
2.18 + j0.85
1.94 + j1.13
1.80 + j1.22
1.71 + j1.31
POUT = 350 W PkVCC = 50 V
400
300
200
100
0
10
20
30
40
50
60
70
80
f = 1090 MHz
VCC = 50 V
Pulse = Mode-S(1)
(1) 128
µs burst 0.5 µs on, 0.5 µs off
(1) repeating at 6.4 ms interval.
ZOL* is the conjugate of the optimum load
impedance into which the device operates at a
given output power voltage and frequency.
f = 1150 MHz
1125
Zin
1090
1025
1050
Zo = 10 Ω
f = 1025 MHz
1050
1090
1125
1150
ZOL*
3
REV 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com