Electronic Components Datasheet Search
  English  ▼

X  

MRF140 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF140
Description  N-CHANNEL MOS LINEAR RF POWER FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF140 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF140 Datasheet HTML 1Page - Tyco Electronics MRF140 Datasheet HTML 2Page - Tyco Electronics MRF140 Datasheet HTML 3Page - Tyco Electronics MRF140 Datasheet HTML 4Page - Tyco Electronics MRF140 Datasheet HTML 5Page - Tyco Electronics MRF140 Datasheet HTML 6Page - Tyco Electronics MRF140 Datasheet HTML 7Page - Tyco Electronics MRF140 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
200
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. IMD versus Pout
Figure 5. Common Source Unity Gain
Frequency versus Drain Current
Figure 6. Gate Voltage versus Drain Current
25
20
15
10
5
0
25
0
10
20
50
100
200
160
80
40
0
120
200
160
80
40
0
120
12
3
4
5
6
010
20
30
-25
-35
-40
-45
-30
0
20
40
60
80
120
160
100
140
Pout, OUTPUT POWER (WATTS PEP)
f, FREQUENCY (MHz)
Pin, INPUT POWER (WATTS)
VDD = 28 V, IDQ = 250 mA,
TONE SEPARATION = 1 kHz
VDD = 28 V, IDQ = 250 mA
-35
-40
-45
-30
1000
800
600
400
200
0
0
5
10
15
20
ID, DRAIN CURRENT (AMPS)
10
8
6
4
2
0
02
6
8
10
VGS, GATE-SOURCE VOLTAGE (VOLTS)
4
VDS = 10 V
gfs = 6 mhos
VDD = 28 V
IDQ = 250mA
Pout = 150 W (PEP)
VDS = 20 V
10 V
-50
d3
d5
d3
d5
3
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com