Electronic Components Datasheet Search
  English  ▼

X  

MRF140 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF140
Description  N-CHANNEL MOS LINEAR RF POWER FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF140 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF140 Datasheet HTML 1Page - Tyco Electronics MRF140 Datasheet HTML 2Page - Tyco Electronics MRF140 Datasheet HTML 3Page - Tyco Electronics MRF140 Datasheet HTML 4Page - Tyco Electronics MRF140 Datasheet HTML 5Page - Tyco Electronics MRF140 Datasheet HTML 6Page - Tyco Electronics MRF140 Datasheet HTML 7Page - Tyco Electronics MRF140 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 7. Series Equivalent Impedance
Figure 8. 150 MHz Test Circuit (Class AB)
C1, C2, C8 — Arco 463 or equivalent
C3 — 25 pF, Unelco
C4 — 0.1
µF, Ceramic
C5 — 1.0
µF, 15 WV Tantalum
C6 — 15 pF, Unelco J101
C7 — 25 pF, Unelco J101
C9 — Arco 262 or equivalent
C10 — 0.05
µF, Ceramic
C11 — 15
µF, 35 WV Electrolytic
L1 — 3/4
″, #18 AWG into Hairpin
L2 — Printed Line, 0.200
″ x 0.500″
L3 — 7/8
″, #16 AWG into Hairpin
L4 — 2 Turns, #16 AWG, 5/16 ID
RFC1 — 5.6
µH, Molded Choke
RFC2 — VK200–4B
R1, R2 — 150
Ω, 1.0 W Carbon
C7
+
R1
C4
R2
RF INPUT
L1
C8
D1
C9
DUT
+ 28 V
RF
OUTPUT
L3
BIAS
0-12 V
C5
+
- C11
C10
RFC1
RFC1
L2
C2
C3
L4
C1
C6
150
50
30
7.0
7.0
f = 2.0 MHz
150
30
f = 2.0 MHz
ZOL*
Zin
VDD = 28 V
IDQ = 250 mA
Pout = 150 W PEP
Zo = 10 Ohms
NOTE: Gate Shunted by 25 Ohms.
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
4
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com