Electronic Components Datasheet Search
  English  ▼

X  

MRF141 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF141
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF141 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF141 Datasheet HTML 1Page - Tyco Electronics MRF141 Datasheet HTML 2Page - Tyco Electronics MRF141 Datasheet HTML 3Page - Tyco Electronics MRF141 Datasheet HTML 4Page - Tyco Electronics MRF141 Datasheet HTML 5Page - Tyco Electronics MRF141 Datasheet HTML 6Page - Tyco Electronics MRF141 Datasheet HTML 7Page - Tyco Electronics MRF141 Datasheet HTML 8Page - Tyco Electronics MRF141 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The RF MOSFET Line
RF Power Field-Effect Transistor
N–Channel Enhancement–Mode MOSFET
Designed for broadband commercial and military applications at frequencies
to 175 MHz. The high power, high gain and broadband performance of this
device makes possible solid state transmitters for FM broadcast or TV channel
frequency bands.
• Guaranteed Performance at 30 MHz, 28 V:
Output Power — 150 W
Gain — 18 dB (22 dB Typ)
Efficiency — 40%
• Typical Performance at 175 MHz, 50 V:
Output Power — 150 W
Gain — 13 dB
• Low Thermal Resistance
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Drain–Gate Voltage
VDGO
65
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
16
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
300
1.71
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.6
°C/W
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF141
150 W, 28 V, 175 MHz
N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 211–11, STYLE 2
D
G
S
Order this document
by MRF141/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 9


Similar Part No. - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF141 ASI-MRF141 Datasheet
50Kb / 4P
RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
logo
Motorola, Inc
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
More results

Similar Description - MRF141

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com