Electronic Components Datasheet Search
  English  ▼

X  

MRF141 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF141
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF141 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF141 Datasheet HTML 1Page - Tyco Electronics MRF141 Datasheet HTML 2Page - Tyco Electronics MRF141 Datasheet HTML 3Page - Tyco Electronics MRF141 Datasheet HTML 4Page - Tyco Electronics MRF141 Datasheet HTML 5Page - Tyco Electronics MRF141 Datasheet HTML 6Page - Tyco Electronics MRF141 Datasheet HTML 7Page - Tyco Electronics MRF141 Datasheet HTML 8Page - Tyco Electronics MRF141 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Figure 2. DC Safe Operating Area
Figure 3. Gate–Source Voltage versus
Case Temperature
Figure 4. Common Source Unity Gain Frequency
versus Drain Current
Figure 5. Capacitance versus
Drain–Source Voltage
Figure 6. Power Gain versus Frequency
Figure 7. Output Power versus Input Power
TYPICAL CHARACTERISTICS
30
25
20
15
10
5
20
10
100
200
0
12
345
200
0
0
5
10
15
20
25
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
f, FREQUENCY (MHz)
Pin, INPUT POWER (WATTS)
200
20
2000
1000
0
020
ID, DRAIN CURRENT (AMPS)
100
10
1
1
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
10
VDD = 28 V
IDQ = 250 mA
Pout = 150 W
VDS = 20 V
10 V
0
5
10
15
20
25
f = 175 MHz
VDD = 28 V
IDQ = 250 mA
f = 30 MHz
VDD = 28 V
IDQ = 250 mA
26
8
12
16
18
14
410
– 25
100
TC, CASE TEMPERATURE (°C)
25
50
75
0
300
100
200
0
300
100
200
Coss
Ciss
Crss
TC = 25°C
1.04
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
0.9
ID = 5 A
0.25 A
0.5 A
2 A
4 A
1 A
3
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com