Electronic Components Datasheet Search
  English  ▼

X  

RFUV1002 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFUV1002
Description  9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1002 Datasheet(HTML) 4 Page - RF Micro Devices

  RFUV1002 Datasheet HTML 1Page - RF Micro Devices RFUV1002 Datasheet HTML 2Page - RF Micro Devices RFUV1002 Datasheet HTML 3Page - RF Micro Devices RFUV1002 Datasheet HTML 4Page - RF Micro Devices RFUV1002 Datasheet HTML 5Page - RF Micro Devices RFUV1002 Datasheet HTML 6Page - RF Micro Devices RFUV1002 Datasheet HTML 7Page - RF Micro Devices RFUV1002 Datasheet HTML 8Page - RF Micro Devices RFUV1002 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 of 17
RFUV1002
DS110908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
LSB Conversion Gain and Image Rejection
0
5
10
15
20
25
30
9
101112131415
16
17
RF Frequency(GHz)
Max.Conversion Gain versus RF Frequency
Over Temperature (LSB)
25 C
85 C
40C
Vc1=Vc2=Vc3=Vc4= 3V
VLPA1,2=VMPA=5V
VLOA1=VLOA2=5V
30
25
20
15
10
5
0
9
10111213141516
17
RF Frequency (GHz)
Min. Conversion Gainversus RFFrequency
Over Temperature (LSB)
25 C
85 C
40C
Vc1=Vc2=Vc3=Vc4=0V
VLPA1,2=VMPA=5V
VLOA1=VLOA2=5V
0
10
20
30
40
50
60
9
1011121314
15
1617
RF Frequency (GHz)
Image Rejection versus RF Frequency
Over Temperature (LSB)
25 C
85 C
40C
Vc1=Vc2=Vc3=Vc4=3V
VLPA1,2=VMPA=5V
VLOA1=VLOA2=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com