Electronic Components Datasheet Search
  English  ▼

X  

RFUV1002 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFUV1002
Description  9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1002 Datasheet(HTML) 1 Page - RF Micro Devices

  RFUV1002 Datasheet HTML 1Page - RF Micro Devices RFUV1002 Datasheet HTML 2Page - RF Micro Devices RFUV1002 Datasheet HTML 3Page - RF Micro Devices RFUV1002 Datasheet HTML 4Page - RF Micro Devices RFUV1002 Datasheet HTML 5Page - RF Micro Devices RFUV1002 Datasheet HTML 6Page - RF Micro Devices RFUV1002 Datasheet HTML 7Page - RF Micro Devices RFUV1002 Datasheet HTML 8Page - RF Micro Devices RFUV1002 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
PACKAGE
GND
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10 11 12 13 14 15 16
90
0
N/C
GND
LOIN
GND
N/C
N/C
N/C
VLOA1
VLOA2VMPA N/C GND RFOUT GND N/C Vc3
N/C GND
I
N/C N/C GND Q
N/C
Vc4
N/C
VLPA1,2
Vc1
N/C
N/C
N/C
Vc2
RFUV1002
9GHz TO 14GHz GaAs MMIC IQ
UP-CONVERTER
RFMD's RFUV1002 is a 9GHz to 14GHz GaAs pHEMT up-converter, incor-
porating an integrated LO buffer amplifier, a balanced single-side band
(image rejection) mixer followed by a variable gain amplifier and a DC
decoupling capacitor. The combination of high performance and low cost
packaging makes the RFUV1002 a cost effective solution, ideally suited to
both current and next generation Point-to-Point and VSAT applications.
RFUV1002 is packaged in a 5mmx5mm QFN to simplify both system level
board design and volume assembly.
Features
RF Frequency, 9GHz to
14GHz
IF Frequency, DC to 4GHz
Maximum Conversion Gain,
23dB
Minimum Conversion Gain,
-15dB
Noise Figure (Maximum
Gain), 12dB
OIP3 (Maximum Gain),
+28dBm
Image Rejection, 20dBc
LO Leakage at RF Port, -
5dBm
Applications
Point to point
VSAT
DS110908
Package: QFN, 32-Pin, 5mm x 5mm x 0.95mm
RFUV1002
RFUV1002S2
2-Piece sample bag
RFUV1002SB
5-Piece bag
RFUV1002SQ
25-Piece bag
RFUV1002SR
100 Pieces on a 7” reel
RFUV1002TR7
750 Pieces on a 7” reel
RFUV1002TR13
2500 Pieces on a 13” reel
RFUV1002PCK-410 Evaluation board with 2-piece sample bag


Similar Part No. - RFUV1002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003PCK-410 RFMD-RFUV1003PCK-410 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003S2 RFMD-RFUV1003S2 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SB RFMD-RFUV1003SB Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SQ RFMD-RFUV1003SQ Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
More results

Similar Description - RFUV1002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MEQX-14ACH MARKIMICROWAVE-MEQX-14ACH Datasheet
456Kb / 8P
Passive GaAs MMIC 14GHz Equalizer Family
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com