Electronic Components Datasheet Search
  English  ▼

X  

RFUV1702SB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFUV1702SB
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702SB Datasheet(HTML) 3 Page - RF Micro Devices

  RFUV1702SB Datasheet HTML 1Page - RF Micro Devices RFUV1702SB Datasheet HTML 2Page - RF Micro Devices RFUV1702SB Datasheet HTML 3Page - RF Micro Devices RFUV1702SB Datasheet HTML 4Page - RF Micro Devices RFUV1702SB Datasheet HTML 5Page - RF Micro Devices RFUV1702SB Datasheet HTML 6Page - RF Micro Devices RFUV1702SB Datasheet HTML 7Page - RF Micro Devices RFUV1702SB Datasheet HTML 8Page - RF Micro Devices RFUV1702SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Electrical Performance
Measurements performed on connectorized evaluation board as shown on P.8 with I and Q (IF) ports connected to an external
90° Hybrid, LO Power = 0dBm and IF = 2.5GHz, -10dBm, VLPA12 = 3.5V, I VLPA12 = 120mA* , VMPA = 4.5V, I VMPA = 120mA**,
VLOA1 = VLOA2 = 4V and VC1 = VC2 = VC3 = -4V, unless otherwise stated.
*Adjust VG1 around -0.45V to get I VLPA12 = 120mA
**Adjust VG2 around -0.45V to get I VMPA = 120mA
USB Conversion Gain, Image Rejection, OIP3, and LO Leakage
LO Frequency (13.5GHz to 21.5GHz)
0
5
10
15
20
25
30
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
Max Conversion Gain versus RF Frequency (USB)
Ibias= 18mV
Qbias=5mV
0
10
20
30
40
50
60
16
17
18
19
20
21
22
23
24
RFFrequency (GHz)
Image Rejectionat Gmax versus RF Frequency (USB)
Ibias= 18mV
Qbias= 5mV
0
5
10
15
20
25
30
35
40
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
OIP3 versusRFFrequency (USB)
Ibias=18mV
Qbias= 5mV
0
5
10
15
20
25
30
35
5
0
5
10
15
20
25
Conversion Gain (dB)
OIP3versus Conversion Gain
(USB18GHz Band)
19.75GHz
19GHz
17.7GHz
biassequenceonpage6 is used
10
9
8
7
6
5
4
3
2
1
0
14
15
16
17
18
19
X2LOFrequency (GHz)
X2LO Leakage atGmax versus X2LO Frequency
(USB18GHz Band)
Ibias= 18mV
Qbias= 5mV
60
50
40
30
20
10
0
7
8
9
101112
X1 LO Frequency (GHz)
X1 LO Leakage at Gmax versus X1 LO Frequency
Ibias= 18mV
Qbias= 5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com