Electronic Components Datasheet Search
  English  ▼

X  

RFUV1702SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFUV1702SB
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702SB Datasheet(HTML) 4 Page - RF Micro Devices

  RFUV1702SB Datasheet HTML 1Page - RF Micro Devices RFUV1702SB Datasheet HTML 2Page - RF Micro Devices RFUV1702SB Datasheet HTML 3Page - RF Micro Devices RFUV1702SB Datasheet HTML 4Page - RF Micro Devices RFUV1702SB Datasheet HTML 5Page - RF Micro Devices RFUV1702SB Datasheet HTML 6Page - RF Micro Devices RFUV1702SB Datasheet HTML 7Page - RF Micro Devices RFUV1702SB Datasheet HTML 8Page - RF Micro Devices RFUV1702SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
LSB Conversion Gain, Image Rejection, OIP3, and LO Leakage
LO Frequency (18.5GHz to 26.5GHz)
0
5
10
15
20
25
30
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
Max Conversion Gain versus RF Frequency (LSB)
Ibias= 11mV
Qbias= 48mV
0
10
20
30
40
50
60
16
17
18
19
20
21
22
23
24
RFFrequency (GHz)
Image Rejection at Gmax versus RF Frequency (LSB)
Ibias= 11mV
Qbias= 48mV
0
5
10
15
20
25
30
35
40
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
OIP3versus RF Frequency (LSB)
Ibias=18mV
Qbias= 5mV
0
5
10
15
20
25
30
35
5
0
5
10
15
20
25
Conversion Gain (dB)
OIP3 versus Conversion Gain
(LSB18GHz Band)
19.75GHz
19GHz
17.7GHz
bias sequence in page6 is used
20
15
10
5
0
5
19
20
21
22
23
24
X2 LO Frequency (GHz)
X2LO Leakage atGmax versus X2 LO Frequency
(LSB 18GHzBand)
Ibias= 11mV
Qbias= 48mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com