Electronic Components Datasheet Search
  English  ▼

X  

RFVA1027 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVA1027
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA1027 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVA1027 Datasheet HTML 1Page - RF Micro Devices RFVA1027 Datasheet HTML 2Page - RF Micro Devices RFVA1027 Datasheet HTML 3Page - RF Micro Devices RFVA1027 Datasheet HTML 4Page - RF Micro Devices RFVA1027 Datasheet HTML 5Page - RF Micro Devices RFVA1027 Datasheet HTML 6Page - RF Micro Devices RFVA1027 Datasheet HTML 7Page - RF Micro Devices RFVA1027 Datasheet HTML 8Page - RF Micro Devices RFVA1027 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFVA1027
DS140408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current
770
mA
Max Device Voltage
5.5
V
Max Control Line Voltage
6
V
Max RF Input Power*
25
dBm
Max Junction Temp (TJ)+150
°C
Max Storage Temp
+150
°C
Thermal Resistance (junction to
backside)
14.8
°C/W
ESD
Class 1C (1000V min)
Moisture Sensitivity Level
MSL3
*Load condition: ZL = 50
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency
731
881
MHz
Temperature Range
-40
25
85
°C
Operating Range
Gain
21
24
26
dB
Min attenuator setting
Nominal Operating Output Power
10
dBm
Operating power for ACPR rating
Output IP3
37
42
dBm
In high gain setting
P1dB
24
28
dBm
High gain setting
ACPR
-60
-65
dBc
Dual carrier WCDMA, 7.5dB CF at nominal
operating power
Gain Flatness
0.2
0.9
dB
Over 50MHz BW
Gain Adjustment Range
19
22
dB
Control Voltage Range
0
3.3
V
Noise Figure
5.25
dB
Min attenuator setting
Impedance
50
Input Return Loss
11
15
dB
Over attenuation range
Output Return Loss
8
18
dB
Over attenuation range
Supply Voltage
4.75
5.0
5.25
V
Supply Current
300
460
600
mA
Max current is at -40°C
Supply Current (VPC = 0V)
120
135
150
mA
Output amplifier shutdown; total current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com