Electronic Components Datasheet Search
  English  ▼

X  

RFVA1027 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFVA1027
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA1027 Datasheet(HTML) 6 Page - RF Micro Devices

  RFVA1027 Datasheet HTML 1Page - RF Micro Devices RFVA1027 Datasheet HTML 2Page - RF Micro Devices RFVA1027 Datasheet HTML 3Page - RF Micro Devices RFVA1027 Datasheet HTML 4Page - RF Micro Devices RFVA1027 Datasheet HTML 5Page - RF Micro Devices RFVA1027 Datasheet HTML 6Page - RF Micro Devices RFVA1027 Datasheet HTML 7Page - RF Micro Devices RFVA1027 Datasheet HTML 8Page - RF Micro Devices RFVA1027 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFVA1027
DS140408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Table and Description
Pin
Function
Description
1RFIN
RF input pin. Internal DC block.
2GND
Ground pin.
3VPC
Power up/down control for 2nd stage amplifier. Apply VCC to power on 2nd stage amplifier. Apply 0V to disable
2nd stage amplifier. Do not exceed VCC + 0.5V. Connect to VCC if not needed. Decoupling capacitor may be
desired on application board for control line noise.
4NC
No connection.
5VCC
Power supply for the module. Recommending 1
F decoupling cap on the application board.
6GND
Ground pin.
7RFOUT
RF output pin. Internal DC block.
8VCTRL
Gain control voltage; 0V to 3.3V range. Maximum gain at 0V. Recommending 0.1
F decoupling on the applica-
tion board.
Center
Pad
GND
Center ground pads need to have a good thermal path on the application board. Use solder stencil pattern
shown in the document to define solder paste during assembly.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com