Electronic Components Datasheet Search
  English  ▼

X  

RF1128 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1128
Description  BROADBAND MEDIUM POWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1128 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1128 Datasheet HTML 1Page - RF Micro Devices RF1128 Datasheet HTML 2Page - RF Micro Devices RF1128 Datasheet HTML 3Page - RF Micro Devices RF1128 Datasheet HTML 4Page - RF Micro Devices RF1128 Datasheet HTML 5Page - RF Micro Devices RF1128 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RF1128
DS110419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
6.0
V
Maximum Input Power (0.6GHz to
3.5GHz), RF1, RF2, 50
+34
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-65 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
VRF1, VRF2=High=3V,
VRF1=VRF2=Low=0V, Temp=25°C
Operating Frequency
600
3500
MHz
Insertion Loss
RFC - RF1, RFC - RF2
0.25
0.35
dB
RF ON, 50MHz to 600MHz
0.35
0.50
dB
RF ON, 824MHz to 960MHz
0.40
0.55
dB
RF ON, 1850MHz to 1990MHz
0.45
0.60
dB
RF ON, 2170MHz to 2500MHz
0.55
0.70
dB
RF ON, 3500MHz
RF Isolation
RF1 - RF2 and RF2 - RF1
27
29
dB
RF ON, 600MHz
25
27
dB
RF ON, 824MHz to 960MHz
29
31
dB
RF ON, 1850MHz to 1990MHz
32
34
dB
RF ON, 2170MHz to 2500MHz
RFC - RF1, RFC - RF2
27
29
dB
RF ON, 600MHz
25
27
dB
RF ON, 824MHz to 960MHz
28
30
dB
RF ON, 1850MHz to 1990MHz
31
33
dB
RF ON, 2170MHz to 2500MHz
RF Port Return Loss
VSWR
1.5:1
880MHz Harmonics
Second Harmonic
70
91
dBc
PIN=26dBm; FO=880MHz
Third Harmonic
70
91
dBc
PIN=26dBm; FO=880MHz
1880MHz Harmonics
Second Harmonic
70
85
dBc
PIN=26dBm; FO=1880MHz
Third Harmonic
70
88
dBc
PIN=26dBm; FO=1880MHz
2500MHz Harmonics
Second Harmonic
70
82
dBc
PIN=26dBm; FO=2500MHz
Third Harmonic
70
86
dBc
PIN=26dBm; FO=2500MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com