Electronic Components Datasheet Search
  English  ▼

X  

RF1128 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1128
Description  BROADBAND MEDIUM POWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1128 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1128 Datasheet HTML 1Page - RF Micro Devices RF1128 Datasheet HTML 2Page - RF Micro Devices RF1128 Datasheet HTML 3Page - RF Micro Devices RF1128 Datasheet HTML 4Page - RF Micro Devices RF1128 Datasheet HTML 5Page - RF Micro Devices RF1128 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
VRF1
VRF2
RF1128
RF1
RF2
RF1128
BROADBAND MEDIUM POWER (HIGH
ISOLATION) SPDT SWITCH
The RF1128 is a single-pole double-throw (SPDT) switch designed for gen-
eral purpose switching applications which require very low insertion loss
and high power handling capability. The RF1128 is ideally suited for bat-
tery operated applications requiring high performance switching with very
low DC power consumption. The RF1128 features very low insertion loss,
broadband isolation and excellent linearity performance, and is operable
from 1.8V to 3.3V control voltage. It is fabricated with 0.5
m GaAs
pHEMT process, and is packaged in a very compact 2mmx1.3mm, 6-pin,
leadless QFN package.
Features
Broadband Performance: Low
Frequency to 3.5GHz
Very Low Insertion Loss:
- 0.35dB at 1GHz
- 0.40dB at 2GHz
Excellent Linearity:
- IIP2 > 108dBm (Typ.)
- IIP3 > 67dBm (Typ.)
P0.1dB:32dBm (Typ.)
Compact Footprint
(2.0mmx1.3mmx0.35mm,
6-pin QFN)
Applications
Cellular Handset Applications
Antenna Tuning Applications
Multi-mode GSM, W-CDMA
Applications
WLAN Applications
RF1128
Broadband Medium Power (High Isolation) SPDT Switch
RF1128PCBA-410
Fully Assembled Evaluation Board
DS110419
Package Style: QFN, 6-pin, 2mmx1.3mm


Similar Part No. - RF1128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RF112 NXP-RF112 Datasheet
645Kb / 45P
RF112 Transceiver Data Sheet
Rev. 1 Draft B, 05/2024
logo
RF Micro Devices
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
logo
NXP Semiconductors
RF112L0H NXP-RF112L0H Datasheet
536Kb / 46P
RF112L0H Transceiver Data Sheet
Rev. A, 12/2020
RF112L0HS9B NXP-RF112L0HS9B Datasheet
645Kb / 45P
RF112 Transceiver Data Sheet
Rev. 1 Draft B, 05/2024
More results

Similar Description - RF1128

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
American Accurate Compo...
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
Broadband Medium Power Amplifiers 1 to 18GHz
LA1020N3220 AAC-LA1020N3220 Datasheet
85Kb / 1P
Broadband Low Noise Medium Power Amplifiers
logo
RF Micro Devices
RF3023 RFMD-RF3023 Datasheet
994Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1236 RFMD-RF1236 Datasheet
935Kb / 9P
BROADBAND MEDIUM POWER DIFFERENTIAL
logo
Microsemi Corporation
MMA034AA MICROSEMI-MMA034AA Datasheet
532Kb / 6P
DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
Rev C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com