Electronic Components Datasheet Search
  English  ▼

X  

MRF175GV Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF175GV
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175GV Datasheet(HTML) 2 Page - Tyco Electronics

  MRF175GV Datasheet HTML 1Page - Tyco Electronics MRF175GV Datasheet HTML 2Page - Tyco Electronics MRF175GV Datasheet HTML 3Page - Tyco Electronics MRF175GV Datasheet HTML 4Page - Tyco Electronics MRF175GV Datasheet HTML 5Page - Tyco Electronics MRF175GV Datasheet HTML 6Page - Tyco Electronics MRF175GV Datasheet HTML 7Page - Tyco Electronics MRF175GV Datasheet HTML 8Page - Tyco Electronics MRF175GV Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (1)
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 5.0 A)
VDS(on)
0.1
0.9
1.5
Vdc
Forward Transconductance (VDS = 10 V, ID = 2.5 A)
gfs
2.0
3.0
—
mhos
DYNAMIC CHARACTERISTICS (1)
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
180
—
pF
Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
200
—
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
20
—
pF
FUNCTIONAL CHARACTERISTICS — MRF175GV (2) (Figure 1)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 200 W, f = 225 MHz, IDQ = 2.0 x 100 mA)
Gps
12
14
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 200 W, f = 225 MHz, IDQ = 2.0 x 100 mA)
η
55
65
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 200 W, f = 225 MHz, IDQ = 2.0 x 100 mA,
VSWR 10:1 at all Phase Angles)
ψ
No Degradation in Output Power
NOTES:
1. Each side of device measured separately.
2. Measured in push–pull configuration.
Figure 1. 225 MHz Test Circuit
C1 — Arco 404, 8.0–60 pF
C2, C3, C7, C8 — 1000 pF Chip
C4, C9 — 0.1
µF Chip
C5 — 180 pF Chip
C6 — 100 pF and 130 pF Chips in Parallel
C10 — 0.47
µF Chip, Kemet 1215 or Equivalent
L1 — 10 Turns AWG #16 Enamel Wire, Close
L1 — Wound, 1/4
″ I.D.
L2 — Ferrite Beads of Suitable Material for
L2 — 1.5–2.0
µH Total Inductance
Board material — .062
″ fiberglass (G10),
Two sided, 1 oz. copper,
εr ^ 5
Unless otherwise noted, all chip capacitors
are ATC Type 100 or Equivalent.
R1 — 100 Ohms, 1/2 W
R2 — 1.0 k Ohm, 1/2 W
T1 — 4:1 Impedance Ratio RF Transformer.
T1 — Can Be Made of 25 Ohm Semirigid Coax,
T1 — 47–52 Mils O.D.
T2 — 1:9 Impedance Ratio RF Transformer.
T2 — Can Be Made of 15–18 Ohms Semirigid
T2 — Coax, 62–90 Mils O.D.
NOTE: For stability, the input transformer T1 should be loaded
NOTE: with ferrite toroids or beads to increase the common
NOTE: mode inductance. For operation below 100 MHz. The
NOTE: same is required for the output transformer.
BIAS 0-6 V
R1
C3
C4
R2
C1
C2
T1
C5
D.U.T.
C6
T2
C7
L1
C8
C9
L2
C10
+
-
28 V
2
REV 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com