Electronic Components Datasheet Search
  English  ▼

X  

MRF175GV Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF175GV
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175GV Datasheet(HTML) 6 Page - Tyco Electronics

Back Button MRF175GV Datasheet HTML 2Page - Tyco Electronics MRF175GV Datasheet HTML 3Page - Tyco Electronics MRF175GV Datasheet HTML 4Page - Tyco Electronics MRF175GV Datasheet HTML 5Page - Tyco Electronics MRF175GV Datasheet HTML 6Page - Tyco Electronics MRF175GV Datasheet HTML 7Page - Tyco Electronics MRF175GV Datasheet HTML 8Page - Tyco Electronics MRF175GV Datasheet HTML 9Page - Tyco Electronics MRF175GV Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
50
0.926
–174
5.43
81
0.009
12
0.861
–177
70
0.924
–176
3.85
76
0.009
6
0.869
–178
80
0.923
–176
3.35
73
0.008
18
0.864
–178
90
0.921
–177
2.94
70
0.008
17
0.871
–178
100
0.918
–178
2.57
68
0.008
17
0.875
–178
103
0.920
–178
2.52
67
0.007
23
0.871
–178
105
0.920
–178
2.47
67
0.008
20
0.875
–179
110
0.921
–178
2.32
65
0.008
21
0.877
–178
120
0.923
–179
2.08
63
0.005
27
0.862
–178
130
0.928
–179
1.93
61
0.008
34
0.883
–178
135
0.929
–180
1.86
60
0.007
22
0.887
–178
140
0.929
–180
1.77
59
0.009
27
0.887
–178
145
0.931
180
1.68
58
0.008
30
0.890
–178
150
0.931
180
1.63
57
0.007
39
0.894
–178
155
0.934
180
1.55
56
0.008
29
0.891
–178
160
0.936
180
1.48
55
0.007
35
0.889
–178
165
0.934
180
1.44
54
0.009
36
0.888
–178
170
0.936
179
1.40
53
0.008
38
0.891
–178
175
0.937
179
1.34
52
0.009
35
0.893
–178
180
0.941
179
1.29
51
0.009
40
0.894
–178
185
0.941
179
1.25
50
0.010
39
0.897
–178
190
0.939
179
1.20
49
0.009
49
0.901
–178
192
0.937
179
1.18
49
0.010
44
0.904
–178
195
0.935
179
1.15
48
0.010
44
0.903
–178
200
0.933
179
1.12
47
0.011
49
0.903
–179
205
0.923
178
1.09
47
0.012
46
0.906
–179
210
0.907
180
1.04
46
0.013
22
0.911
–179
215
0.930
–180
1.01
45
0.008
27
0.910
–179
220
0.933
180
0.99
45
0.008
39
0.912
–179
225
0.935
179
0.96
43
0.009
37
0.913
–179
230
0.932
179
0.92
43
0.009
39
0.915
–179
235
0.933
178
0.90
42
0.009
43
0.917
–180
240
0.935
178
0.87
41
0.009
46
0.918
–180
245
0.936
178
0.85
40
0.009
56
0.920
–180
250
0.935
178
0.82
39
0.010
47
0.921
180
275
0.948
176
0.72
36
0.009
55
0.928
180
300
0.966
175
0.64
33
0.010
59
0.932
179
325
0.969
175
0.57
30
0.012
66
0.935
178
350
0.957
175
0.51
27
0.013
60
0.939
178
375
0.939
174
0.45
25
0.015
80
0.941
177
Table 1. Common Source S–Parameters (VDS = 28 V, ID = 4.5 A) (continued)
6
REV 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com