Electronic Components Datasheet Search
  English  ▼

X  

RF3933D Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3933D
Description  90W GaN on SiC Power Amplifier Die
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933D Datasheet(HTML) 3 Page - RF Micro Devices

  RF3933D Datasheet HTML 1Page - RF Micro Devices RF3933D Datasheet HTML 2Page - RF Micro Devices RF3933D Datasheet HTML 3Page - RF Micro Devices RF3933D Datasheet HTML 4Page - RF Micro Devices RF3933D Datasheet HTML 5Page - RF Micro Devices RF3933D Datasheet HTML 6Page - RF Micro Devices RF3933D Datasheet HTML 7Page - RF Micro Devices RF3933D Datasheet HTML 8Page - RF Micro Devices RF3933D Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130906
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RF3933D
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Typical Performance of
Packaged Die
Test Conditions: CW operation, VDSQ = 48V, IDQ = 300mA,
T = 25°C, in a tuned test circuit.
VGS (Q)
-3.4
V
Small Signal Gain
21
dB
f = 900MHz
13.5
dB
f = 2140MHz
Output Power at P3dB
49.5
dBm
f = 900MHz
49.5
dBm
f = 2140MHz
Drain Efficiency at P3dB
75
%
f = 900MHz
65
%
f = 2140MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com