Electronic Components Datasheet Search
  English  ▼

X  

RF3933D Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3933D
Description  90W GaN on SiC Power Amplifier Die
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933D Datasheet(HTML) 1 Page - RF Micro Devices

  RF3933D Datasheet HTML 1Page - RF Micro Devices RF3933D Datasheet HTML 2Page - RF Micro Devices RF3933D Datasheet HTML 3Page - RF Micro Devices RF3933D Datasheet HTML 4Page - RF Micro Devices RF3933D Datasheet HTML 5Page - RF Micro Devices RF3933D Datasheet HTML 6Page - RF Micro Devices RF3933D Datasheet HTML 7Page - RF Micro Devices RF3933D Datasheet HTML 8Page - RF Micro Devices RF3933D Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130906
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RF3933D
90W GaN on SiC Power Amplifier Die
The RF3933D is a 48V, 90W, GaN on SiC high power discrete
amplifier die designed for commercial wireless infrastructure, cellular
and WiMAX infrastructure, industrial/scientific/ medical and general
purpose broadband amplifier applications. Using an advanced high
power density Gallium Nitride (GaN) semiconductor process, the
RF3933D is able to achieve high efficiency and flat gain over a broad
frequency range in a single amplifier design with proper packaging and
assembly. The RF3933D is an unmatched 0.5µm gate, GaN transistor
die suitable for many applications with > 49.5dBm saturated power,
>65% saturated drain efficiency, and > 14dB small signal gain at
2GHz.
Functional Block Diagram
Ordering Information
RF3933D
90W GaN on SiC Power Amplifier Die
Package: Die
Features
■
Broadband Operation DC to 4GHz
■
Advanced GaN HEMT Technology
■
Packaged Small Signal
Gain = 14dB at 2GHz
■
48V Typical Packaged
Performance
Output Power: 90W at P3dB
Drain Efficiency: 65% at P3dB
■
Large Signal Models Available
■
Chip Dimensions:
0.96mm x 2.52mm x 0.10mm
■
Active Area Periphery: 15.54mm
Applications
■
Commercial Wireless
Infrastructure
■
Cellular and WiMAX
Infrastructure
■
Civilian and Military Radar
■
General Purpose Broadband
Amplifiers
■
Public Mobile Radios
■
Industrial, Scientific, and
Medical
RF IN
VG
RF OUT
VD
GND
RF3933D


Similar Part No. - RF3933D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3933PCK-411 RFMD-RF3933PCK-411 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3933S2 RFMD-RF3933S2 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3933SB RFMD-RF3933SB Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
More results

Similar Description - RF3933D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
10W GaN on SiC Power Amplifier Die
RF3931D RFMD-RF3931D Datasheet
798Kb / 9P
30W GaN on SiC Power Amplifier Die
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
60W GaN on SiC Power Amplifier Die
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
90W GaN Power Amplifier
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
90W GaN Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
logo
WOLFSPEED, INC.
WS1A2639 WOLFSPEED-WS1A2639 Datasheet
391Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3940 WOLFSPEED-WS1A3940 Datasheet
424Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com