Electronic Components Datasheet Search
  English  ▼

X  

RFHA1023A Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFHA1023A
Description  250W GaN WIDE-BAND PULSED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1023A Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFHA1023A Datasheet HTML 2Page - RF Micro Devices RFHA1023A Datasheet HTML 3Page - RF Micro Devices RFHA1023A Datasheet HTML 4Page - RF Micro Devices RFHA1023A Datasheet HTML 5Page - RF Micro Devices RFHA1023A Datasheet HTML 6Page - RF Micro Devices RFHA1023A Datasheet HTML 7Page - RF Micro Devices RFHA1023A Datasheet HTML 8Page - RF Micro Devices RFHA1023A Datasheet HTML 9Page - RF Micro Devices RFHA1023A Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RFHA1023A
Proposed
Prelim DS110622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or s
sales-support@rfmd.com.
Evaluation Board Layout
Device Impedances
Note: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency, peak
power, and linear performance across the entire frequency bandwidth.
Frequency
Z Source (
:)
Z Load (
:
1200MHz
12.98 - j8.23
25.48 - j12.4
1300MHz
11.75 - j7.16
24.6 - j12.9
1400MHz
10.41 - j5.98
23.4 - j13.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com