Electronic Components Datasheet Search
  English  ▼

X  

MRF275 Datasheet(PDF) 13 Page - Tyco Electronics

Part # MRF275
Description  N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF275 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button MRF275 Datasheet HTML 8Page - Tyco Electronics MRF275 Datasheet HTML 9Page - Tyco Electronics MRF275 Datasheet HTML 10Page - Tyco Electronics MRF275 Datasheet HTML 11Page - Tyco Electronics MRF275 Datasheet HTML 12Page - Tyco Electronics MRF275 Datasheet HTML 13Page - Tyco Electronics MRF275 Datasheet HTML 14Page - Tyco Electronics MRF275 Datasheet HTML 15Page - Tyco Electronics MRF275 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 3. Common Source S–Parameters (VDS = 28 V, ID = 0.39 mA) continued
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
140
0.881
–176
1.87
62
0.018
–13
0.884
–176
150
0.883
–176
1.79
62
0.018
–11
0.934
–177
160
0.886
–177
1.72
62
0.018
–11
1.020
–177
170
0.890
–177
1.64
58
0.018
–12
1.090
–176
180
0.896
–177
1.56
54
0.018
–16
1.150
–176
190
0.901
–177
1.42
48
0.018
–21
1.110
–177
200
0.904
–177
1.26
46
0.017
–19
1.030
–176
210
0.907
–177
1.13
45
0.015
–14
0.938
–175
220
0.908
–177
1.03
47
0.013
–13
0.897
–174
230
0.910
–178
0.99
46
0.014
–15
0.948
–176
240
0.912
–178
0.96
47
0.014
–13
0.956
–179
250
0.916
–178
0.95
45
0.014
–10
1.020
–178
260
0.919
–178
0.93
42
0.013
–12
1.120
–178
270
0.922
–179
0.89
37
0.012
–15
1.140
–179
280
0.925
–179
0.81
35
0.012
–16
1.110
–178
290
0.927
–179
0.72
33
0.011
–16
0.988
–176
300
0.929
–179
0.69
33
0.011
–10
0.944
–177
310
0.931
–179
0.66
35
0.012
5
0.920
–177
320
0.933
–180
0.63
34
0.011
16
0.936
–180
330
0.934
–180
0.59
35
0.009
14
0.989
–180
340
0.937
180
0.62
34
0.009
3
1.050
180
350
0.939
180
0.59
31
0.010
4
1.080
–179
360
0.941
179
0.55
26
0.010
8
1.110
–178
370
0.943
179
0.51
24
0.009
11
1.070
–179
380
0.944
179
0.49
23
0.008
17
1.010
–178
390
0.945
179
0.46
25
0.008
24
0.949
–178
400
0.946
178
0.44
27
0.007
20
0.922
–178
410
0.947
178
0.43
26
0.010
19
0.995
–180
420
0.949
178
0.42
27
0.012
29
1.030
179
430
0.950
178
0.41
24
0.010
41
1.060
179
440
0.951
177
0.40
21
0.008
40
1.090
180
450
0.953
177
0.39
19
0.008
34
1.090
–180
460
0.953
177
0.35
17
0.009
26
1.070
178
470
0.954
177
0.33
18
0.010
30
0.983
179
480
0.955
176
0.32
19
0.012
43
0.964
–180
490
0.956
176
0.32
20
0.012
60
0.956
179
500
0.957
176
0.31
21
0.010
65
0.993
178
600
0.955
174
0.26
13
0.012
67
0.926
176
700
0.958
172
0.18
12
0.018
64
0.984
174
800
0.963
170
0.15
9
0.020
89
0.961
173
900
0.966
168
0.13
9
0.028
81
0.967
171
1000
0.968
165
0.10
6
0.033
73
0.997
169
13
REV 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com