Electronic Components Datasheet Search
  English  ▼

X  

MRF316 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF316
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF316 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF316 Datasheet HTML 1Page - Tyco Electronics MRF316 Datasheet HTML 2Page - Tyco Electronics MRF316 Datasheet HTML 3Page - Tyco Electronics MRF316 Datasheet HTML 4Page - Tyco Electronics MRF316 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
NARROW BAND FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 80 W, f = 150 MHz)
GPE
10
13
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 80 W, f = 150 MHz)
η
55
—
—
%
Load Mismatch
(VCC = 28 Vdc, Pout = 80 W CW, f = 150 MHz,
VSWR = 30:1 all phase angles)
ψ
No Degradation in Output Power
Figure 1. 150 MHz Test Amplifier
R2
R3
RFC6
L2
C13
C12
C4
RFC2
RFC1
C5
C7
C10
C1
+ 28 Vdc
C8
DUT
C11
L1
RFC3
C6
RFC5
C9
RFC4
R1
C3
C2
C1 — 22 pF 100 mil ATC
C2, C3 — 24 pF 100 mil ATC
C4, C11 — 0.8–20 pF JMC #5501 Johanson
C5 — 200 pF 100 mil ATC
C6 — 240 pF 100 mil ATC
C7 — Dipped Mica 1000 pF
C8 — 0.1
µF Erie Red Cap
C9, C10, C12 — 30 pF 100 mil ATC
C13 — 1.0
µF Tantalum
L1 — 0.8
″, #20 Wire
L2 — 1.0
″, #20 Wire
RFC1, RFC4 — 0.15
µH Molded Coil
RFC2, RFC3 — Ferroxcube Bead 56–590–65–3B
RFC5 — 2.5
″, #20 Wire, 1.5 Turns
RFC6 — Ferroxcube VK200–19/4B
R1 — 10
Ω, 1/2 W
R2, R3 — 10
Ω, 1.0 W
RF
INPUT
RF
OUTPUT
2
REV 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com