Electronic Components Datasheet Search
  English  ▼

X  

MRF316 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF316
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF316 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF316 Datasheet HTML 1Page - Tyco Electronics MRF316 Datasheet HTML 2Page - Tyco Electronics MRF316 Datasheet HTML 3Page - Tyco Electronics MRF316 Datasheet HTML 4Page - Tyco Electronics MRF316 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Power Gain versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
140
120
100
80
60
40
20
0
0.2
0.4
2
4 5
10
1
0.3
Pin, INPUT POWER (WATTS)
VCC = 28 V
50 MHz
100 MHz
f = 30 MHz
130
50
110
90
70
30
VCC, SUPPLY VOLTAGE (VOLTS)
110
30
90
70
50
10
26
10
22
18
14
6
60
100
140
180
220
f, FREQUENCY (MHz)
Pout = 80 W
VCC = 28 V
120
40
100
80
60
20
12
16
20
24
28
0.5 0.7
3
7
20
VCC, SUPPLY VOLTAGE (VOLTS)
12
16
20
24
28
VCC, SUPPLY VOLTAGE (VOLTS)
12
16
20
24
28
200 MHz
150 MHz
Pin = 8 W
6 W
2 W
Pin = 8 W
6 W
4 W
2 W
4 W
Pin = 8 W
6 W
4 W
2 W
TYPICAL PERFORMANCE CURVES
f = 100 MHz
f = 150 MHz
f = 200 MHz
3
REV 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com