Electronic Components Datasheet Search
  English  ▼

X  

MRF317 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF317
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF317 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF317 Datasheet HTML 1Page - Tyco Electronics MRF317 Datasheet HTML 2Page - Tyco Electronics MRF317 Datasheet HTML 3Page - Tyco Electronics MRF317 Datasheet HTML 4Page - Tyco Electronics MRF317 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 1. 110–160 MHz Broadband Amplifier — Test Fixture Schematic
Figure 2. Power Gain versus Frequency
Broadband Test Fixture
Figure 3. Efficiency versus Frequency
Broadband Test Fixture
Figure 4. Input VSWR versus Frequency
Broadband Test Fixture
R1
C5
RFC3
RFC2
R2
R3
RFC5
RFC6
RFC1
L1
C2
C3
C4
C6
C7
C8
C9
L4
L3
RFC4
C11
C12
C13
DC +28 Vdc
C10
RF
OUTPUT
RF
INPUT
C1
L2
C1, C9 — 39 pF, 100 mil ATC
C2 — 120 pF, 100 mil ATC
C3, C4 — 360 pF, 100 mil ATC
C5 — 1000 pF Dipped Mica
C6, C7 — 100 pF, 100 mil ATC*
C8 — 18 pF, 100 mil ATC*
C10 — 43 pF, 100 mil ATC
C11 — 60 pF, Underwood
C12 — 0.1
µF Erie Redcap
C13 — 1000 pF, Underwood J102
L1 — 50 nH
L2 — 6.0 nH
L3 — 8.0 nH
L4 — 32 nH
RFC1 — 0.15
µH Molded Coil
RFC2, RFC3 — Ferroxcube Bead 56–590–65/3B
RFC4 — 1 Turn, #18 Wire, 2.0
″ L
RFC5 — Ferroxcube VK200 19/4B
RFC6 — 7 Turns, #18 Wire, 0.3
″ ID
R1 — 10
Ω 1/2 W
R2, R3 — 10
Ω 1.0 W
*Combination of C6, C7, C8 equals 220 pF.
10
9
8
7
6
160
135
110
f, FREQUENCY (MHz)
70
160
135
110
f, FREQUENCY (MHz)
60
50
40
30
20
6
160
135
110
f, FREQUENCY (MHz)
5
4
3
2
1
Pout = 100 W
VCC = 28 V
Pout = 100 W
VCC = 28 V
Pout = 100 W
VCC = 28 V
DUT
Figure 5. Output Power versus Input Power
140
0.2
Pin, INPUT POWER (WATTS)
0.5
1
2
5
10
20
120
100
80
60
40
20
200 MHz
f = 30 MHz
100 MHz
50 MHz
150 MHz
VCC = 28 V
3
REV 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com