Electronic Components Datasheet Search
  English  ▼

X  

MRF317 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF317
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF317 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF317 Datasheet HTML 1Page - Tyco Electronics MRF317 Datasheet HTML 2Page - Tyco Electronics MRF317 Datasheet HTML 3Page - Tyco Electronics MRF317 Datasheet HTML 4Page - Tyco Electronics MRF317 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 6. Power Gain versus Frequency
Figure 7. Power Output versus Supply Voltage
Figure 8. Power Output versus Supply Voltage
Figure 9. Power Output versus Supply Voltage
TYPICAL PERFORMANCE CURVES
17
f, FREQUENCY (MHz)
20
16
15
14
13
12
11
10
9
8
40
60
80
100
120 140
160 180 200
Pout = 100 W
VCC = 28 V
120
VCC, SUPPLY VOLTAGE (VOLTS)
12
100
80
60
40
20
16
20
24
28
120
VCC, SUPPLY VOLTAGE (VOLTS)
12
100
80
60
40
20
16
20
24
28
VCC, SUPPLY VOLTAGE (VOLTS)
12
100
80
60
40
20
16
20
24
28
Pin = 10 W
8 W
6 W
Pin = 10 W
8 W
6 W
Pin = 10 W
8 W
6 W
Figure 10. Series Equivalent Input–Output Impedance
f = 100 MHz
f = 150 MHz
f = 200 MHz
Zin
f = 30 MHz
150
0
1.0
4.0
100
50
ZOL* = Conjugate of the optimum load impedance into which the device output
ZOL* = operates at a given output power, voltage and frequency.
2.0
3.0
4.0
5.0
6.0
3.0
2.0
1.0
1.0
2.0
3.0
125
175
200
f = 30 MHz
150
100
50
125
175
200
VCC = 28 V, Pout = 100 W
f
MHz
Zin
OHMS
ZOL*
OHMS
30
50
100
125
150
175
200
1.2 - j2.0
1.0 - j1.8
0.3 + j0.7
0.3 + j1.0
0.6 + j1.3
1.0 + j1.5
0.9 + j1.0
4.3 - j5.0
4.0 - j4.9
2.0 - j2.3
1.9 - j1.9
1.9 - j1.3
1.6 - j0.6
1.1 - j0.6
ZOL*
4
REV 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com