Electronic Components Datasheet Search
  English  ▼

X  

SDA-2000 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SDA-2000
Description  GaAs Distributed Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-2000 Datasheet(HTML) 6 Page - RF Micro Devices

  SDA-2000 Datasheet HTML 1Page - RF Micro Devices SDA-2000 Datasheet HTML 2Page - RF Micro Devices SDA-2000 Datasheet HTML 3Page - RF Micro Devices SDA-2000 Datasheet HTML 4Page - RF Micro Devices SDA-2000 Datasheet HTML 5Page - RF Micro Devices SDA-2000 Datasheet HTML 6Page - RF Micro Devices SDA-2000 Datasheet HTML 7Page - RF Micro Devices SDA-2000 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 8
SDA-2000
Pin Names and Descriptions
Pin
Name
Description
Interface Schematic
1
RFIN
RF Input. This pad is DC coupled and matched to 50
Ω from DC to
22GHz. 50
Ω microstrip transmission line on 0.127mm (5mil) thick
alumina thin film substrate is recommended for RF input and
output. A DC blocking capacitor is required for this connection. The
calue of this capacitor will be based on the desired frequency range
of application.
2
VG2
Each amplifier stage in the SDA-2000 is a cascade configuration.
The gate of each upper FET in the cascade amplifiers is biased
with the 3.5VDC (for VDD = 8V). The DC connection for the upper
device gates runs across the length of the die. Pads 2 and 5 are
both on this DC connection but are on opposite ends of the die.
The VG2 connection can therefore be placed on either pad. A
bypass capacitor is recommended on both ends, pads 2 and 5.
3
VTO
The output drain termination pad. This pad requires a 1000pF
bypass capacitor with the shortest wirebond length to prevent low
frequency gain ripple.
4
RFOUT and
VDD
RF Output. 50
Ω microstrip transmission line on 0.127mm (5mil)
thick alumina thin film substrate is recommended for RF input and
output. Connect the DC bias (VDD) network to provide drain current
(IDD). Note: Drain Bias (VDD) must be applied through a broadband
bias tee or external bias network.
5
VCAS
Each amplifier stage in the SDA-2000 is a cascade configuration.
The gate of each upper FET in the cascade amplifiers is biased
with the 3.5VDC (for VDD = 8V). The DC connection for the upper
device gates runs across the length of the die. Pads 2 and 5 are
both on this DC connection but are on opposite ends of the die.
The VG2 connection can therefore be placed on either pad. A
bypass capacitor is recommended on both ends, pads 2 and 5.
6
VG21
Not connected.
7
VTI
Input gate voltage for the lower devices in the cascade amplifier.
This pad also serves as the RF ground for the input termination
resistor. The DC voltage applied to this pad will be between -2.0VDC
(device is pinched OFF) to 0VDC (fully ON). The value of this
capacitor will effect the low frequency response of the amplifier.
Die
GND
Ground connection. Connect die bottom directly to ground plane for
best performance. NOTE: The die should be connected directly to
the ground plane with conductive epoxy.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com