Electronic Components Datasheet Search
  English  ▼

X  

MRF323 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF323
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF323 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF323 Datasheet HTML 1Page - Tyco Electronics MRF323 Datasheet HTML 2Page - Tyco Electronics MRF323 Datasheet HTML 3Page - Tyco Electronics MRF323 Datasheet HTML 4Page - Tyco Electronics MRF323 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. Output Power versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
22
f, FREQUENCY (MHz)
18
500
400
300
200
14
10
6
2
Po = 20 W
VCC = 28 V
0
25
Pin, INPUT POWER (WATTS)
0
400
20
15
10
5
0
12
3
4
5
500
VCC = 28 V
Pin = 1.8 W
1.1 W
f = 400 MHz
24
VCC, SUPPLY VOLTAGE (VOLTS)
20
14
10
18
22
26
30
16
12
8
4
2.5 W
2 W
1.5 W
1 W
0.7 W
0.4 W
Pin = 3 W
VCC = 28 V
25
f, FREQUENCY (MHz)
500
400
300
200
0
20
15
10
5
0
f = 200 MHz
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com