Electronic Components Datasheet Search
  English  ▼

X  

MRF323 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF323
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF323 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF323 Datasheet HTML 1Page - Tyco Electronics MRF323 Datasheet HTML 2Page - Tyco Electronics MRF323 Datasheet HTML 3Page - Tyco Electronics MRF323 Datasheet HTML 4Page - Tyco Electronics MRF323 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 6. Series Equivalent Impedance
Zin
0
10
-10
ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power,
ZOL* = voltage and frequency.
5
-5
ZOL*
5
15
20
25
f = 200 MHz
400
500
Pout = 20 W, VCC = 28 V
10
450
500
450
400
f = 200 MHz
f
MHz
Zin
Ohms
ZOL*
Ohms
200
400
450
500
0.6 - j0.23
0.71 + j1.79
1.2 + j3.8
2.3 + j5.5
7.2 - j11.4
6.0 - j6.87
5.9 - j5.1
6.2 - j3.1
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com