Electronic Components Datasheet Search
  English  ▼

X  

MRF393 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF393
Description  The RF Line NPN Silicon Push-Pull RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF393 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF393 Datasheet HTML 1Page - Tyco Electronics MRF393 Datasheet HTML 2Page - Tyco Electronics MRF393 Datasheet HTML 3Page - Tyco Electronics MRF393 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
CLASS C
CLASS C
Figure 6. Series Equivalent Input/Output Impedance
Figure 7. Class AB Output Power versus
Input Power
140
120
100
80
60
40
20
0
20
18
16
14
12
10
8
6
4
2
0
Pin, INPUT POWER (WATTS)
80
60
40
20
0
20
18
16
14
12
10
8
6
4
2
0
Pin, INPUT POWER (WATTS)
10
70
50
30
120
100
80
60
40
20
12
VCC, SUPPLY VOLTAGE (VOLTS)
16
20
24
28
120
100
80
60
40
20
12
VCC, SUPPLY VOLTAGE (VOLTS)
16
20
24
28
140
120
100
80
60
40
20
0
20
18
16
14
12
10
8
6
4
2
0
Pin, INPUT POWER (WATTS)
f = 100 MHz
225 MHz
400 MHz
500 MHz
225 MHz
400 MHz
500 MHz
8 W
Pin = 10 W
Pin = 16 W
12 W
8 W
f = 500 MHz
VCC = 28 V
ICQ = 200 mA
6 W
f = 225 MHz
f = 500 MHz
VCC = 28 V
VCC = 13.5 V
f = 100 MHz
NOTE: Zin & ZOL* are given from base–to–base
NOTE: and collector–to–collector respectively.
Zin
4
ZOL*
225
VCC = 28 V, Pout = 100 W
f = 100 MHz
400
225
500
400
2
2
4
6
8
2
4
6
8
500
f = 100 MHz
Zo = 20 Ω
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
f MHz
Zin
ZOL*
100
225
400
500
0.85 + j0
0.58 + j2.6
3.00 + j5.9
4.80 + j3.0
7.8 – j5.6
5.0 – j3.2
3.2 – j0.6
2.9 + j1.2
3
REV 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com