Electronic Components Datasheet Search
  English  ▼

X  

MRF393 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF393
Description  The RF Line NPN Silicon Push-Pull RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF393 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF393 Datasheet HTML 1Page - Tyco Electronics MRF393 Datasheet HTML 2Page - Tyco Electronics MRF393 Datasheet HTML 3Page - Tyco Electronics MRF393 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE DIMENSIONS
CASE 744A–01
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
STYLE 1:
PIN 1. EMITTER (COMMON)
2. COLLECTOR
3. COLLECTOR
4. EMITTER (COMMON)
5. EMITTER (COMMON)
6. BASE
7. BASE
8. EMITTER (COMMON)
–T–
M
K
K
L
G
F
V
Q
4 PL
2 PL
U 4 PL
D 4 PL
R
56
7
8
12
3
4
–B–
M
A
M
0.76 (0.030)
B M
–A–
SEATING
PLANE
N
E
C
J
H
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
22.60
23.11
0.890
0.910
B
9.52
10.03
0.375
0.395
C
6.65
7.16
0.262
0.282
D
1.60
1.95
0.063
0.077
E
2.94
3.40
0.116
0.134
F
2.87
3.22
0.113
0.127
G
16.51 BSC
0.650 BSC
H
4.01
4.36
0.158
0.172
J
0.07
0.15
0.003
0.006
K
4.34
4.90
0.171
0.193
L
12.45
12.95
0.490
0.510
M
45 NOM
45 NOM
N
1.051
11.02
0.414
0.434
Q
3.04
3.35
0.120
0.132
R
9.90
10.41
0.390
0.410
U
1.02
1.27
0.040
0.050
V
0.64
0.89
0.025
0.035
__
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 7
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com