Electronic Components Datasheet Search
  English  ▼

X  

MRF422 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF422
Description  The RF Line NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF422 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF422 Datasheet HTML 1Page - Tyco Electronics MRF422 Datasheet HTML 2Page - Tyco Electronics MRF422 Datasheet HTML 3Page - Tyco Electronics MRF422 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Power Gain versus Frequency
Figure 4. Linear Output Power versus
Supply Voltage
Figure 5. Intermodulation Distortion
versus Output Power
Figure 6. DC Safe Operating Area
Figure 7. Series Input Impedance
280
2
0
Pin, INPUT POWER (WATTS PEP)
VCC = 28 V
ICQ = 150 mA
TWO TONE TEST:
f = 30, 30.001 MHz
240
200
160
120
80
40
0
46
8
10
12
14
25
1.5
f, FREQUENCY (MHz)
2
3
5
7
10
30
20
15
20
15
10
5
0
VCC = 28 V
ICQ = 150 mA
Pout = 150 W PEP
280
240
200
160
120
80
40
0
VCC, SUPPLY VOLTAGE (VOLTS)
16
20
24
28
32
IMD = 30 dB
ICQ = 25 mA
f = 30, 30.001 MHz
-20
0
Pout, OUTPUT POWER (WATTS PEP)
-30
-40
-50
VCC = 28 V
ICQ = 150 mA
f = 30, 30.001 MHz
3RD ORDER
5TH ORDER
40
80
120
160
-10
200
40
1
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
2
20
5
10
20
50
100
TC = 25°C
0.4
0.8
2
4
8
7
f = 2 MHz
15
30
VCC = 28 V
ICQ = 150 mA
Pout = 150 W PEP
FREQUENCY
MHz
Zin
Ohms
2
7
15
30
4.90 - j1.54
2.10 - j0.93
1.32 - j0.38
0.81 - j0.26
3
REV 6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com