Electronic Components Datasheet Search
  English  ▼

X  

MRF422 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF422
Description  The RF Line NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF422 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF422 Datasheet HTML 1Page - Tyco Electronics MRF422 Datasheet HTML 2Page - Tyco Electronics MRF422 Datasheet HTML 3Page - Tyco Electronics MRF422 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 8. Output Resistance versus Frequency
Figure 9. Output Capacitance versus Frequency
1.5
f, FREQUENCY (MHz)
2
3
5
7
10
30
20
15
5
f, FREQUENCY (MHz)
2
3
5
7
10
30
20
15
10
1.5
VCC = 28 V
ICQ = 150 mA
Pout = 150 W PEP
4
3
2
1
0
8
6
4
2
0
VCC = 28 V
ICQ = 150 mA
Pout = 150 W PEP
PACKAGE DIMENSIONS
CASE 211–11
ISSUE N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
SEATING
PLANE
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.960
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
---
11.05
---
M
45 NOM
45 NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
__
4
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com