Electronic Components Datasheet Search
  English  ▼

X  

MRF428 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF428
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF428 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF428 Datasheet HTML 1Page - Tyco Electronics MRF428 Datasheet HTML 2Page - Tyco Electronics MRF428 Datasheet HTML 3Page - Tyco Electronics MRF428 Datasheet HTML 4Page - Tyco Electronics MRF428 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted.)
OFF CHARACTERISTICS
Designed primarily for high-voltage applications as a high-power linear
amplifier from 2.0 to 30 MHz. Ideal for marine and base station equipment.
• Specified 50 Volt, 30 MHz Characteristics —
Output Power = 150 W (PEP)
Minimum Gain = 13 DB
Efficiency = 45%
• Intermodulation Distortion @ 150 W (PEP) —
IMD = -32 db (Max)
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
@ 150 W CW
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
55
Vdc
Collector-Base Voltage
VCBO
110
Vdc
Emitter-Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
20
Adc
Withstand Current — 10 s
—
30
Adc
Total Device Dissipation @ TC = 25 °C
Derate above 25 °C
PD
320
1.83
Watts
W/°C
Storage Temperature Range
Tstg
-65 to +150
°C
Characteristic
Symbol
Min
Typ
Max
Unit
THERMAL CHARACTERISTICS
NPN Silicon
RF Power Transistor
The RF Line
SEMICONDUCTOR TECHNICAL DATA
MRF428
150 W (PEP), 30 MHz
RF POWER
TRANSISTOR
NPN SILICON
Order this document
by MRF428/D
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.5
°C/W
1
Collector-Emitter Breakdown Voltage (IC = 200 mAdc, IB = 0)
V(BR)CEO
55
—
—
Vdc
Collector-Emitter Breakdown Voltage (IC = 100 mAdc, VBE = 0)
V(BR)CES
110
—
—
Vdc
Collector-Base Breakdown Voltage (IC = 100 mAdc, IE = 0)
V(BR)CBO
110
—
—
Vdc
Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
(continued)


Similar Part No. - MRF428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF428 ASI-MRF428 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF428 MA-COM-MRF428_15 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor
MRF428 MA-COM-MRF428_17 Datasheet
1Mb / 7P
The RF Line NPN Silicon Power Transistor
More results

Similar Description - MRF428

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com