Electronic Components Datasheet Search
  English  ▼

X  

MRF428 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF428
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF428 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF428 Datasheet HTML 1Page - Tyco Electronics MRF428 Datasheet HTML 2Page - Tyco Electronics MRF428 Datasheet HTML 3Page - Tyco Electronics MRF428 Datasheet HTML 4Page - Tyco Electronics MRF428 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25 °C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
FUNCTIONAL TESTS
2
Common-Emitter Amplifier Gain
(VCC = 50 Vdc, POUT = 150 W (PEP), IC(max) = 3.32 Adc,
f = 30 MHz)
GPE
13
15
—
dB
Output Power
(VCE = 50 Vdc, f = 30 MHz)
POUT
150
—
—
W (PEP)
Collector Efficiency
(VCC = 50 Vdc, POUT = 150 W (PEP), IC(max) = 3.32 Adc,
f = 30 MHz)
η
45
—
—
%
Intermodulation Distortion (1)
(VCE = 50 Vdc, POUT = 150 W (PEP), IC = 3.32 Adc)
IMD
—
-33
-30
dB
Electrical Ruggedness
(VCC = 50 Vdc, POUT = 150 W (PEP), IC(max) = 3.32 Adc,
VSWR 30:1 at all Phase Angles)
Ψ
No Degradation in Output Power
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
10
30
—
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 50 Vdc, IE = 0, f = 1.0 MHz)
COB
—
220
250
pF
NOTE:
1. To Mil-Std-1311 Version A, Test Method 2204B, Two Tone, Reference each Tone.
R2 — 10
Ω, 1.0 Watt
CR1 — 1N4997
L1 — 3 Turns, #16 Wire, 5/16” I.D., 5/16” Long
L2 — 10
µH Molded Choke
L3 — 12 Turns, #16 Enameled Wire Closewound, 1/4” I.D.
L4 — 5 Turns, 1/8” Copper Tubing, 9/16” I.D., 3/4” Long
L5 — 10 Ferrite Beads — Ferroxcube #56-590-65/3B
C1,C2,C7 — 170-780 pF, Arco 469
C3,C8,C9 — 0.1
µF, 100 V Erie
C4 — 500
µF @ 6.0 V
C5 — 9.0-180 pF, Arco 463
C6 — 80-480 pF, Arco 466
C10 — 30
µF, 100 V
R1 — 10
Ω, 10 Watt
Figure 1. 30 MHz Test Circuit Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com