Electronic Components Datasheet Search
  English  ▼

X  

MRF429 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF429
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF429 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF429 Datasheet HTML 1Page - Tyco Electronics MRF429 Datasheet HTML 2Page - Tyco Electronics MRF429 Datasheet HTML 3Page - Tyco Electronics MRF429 Datasheet HTML 4Page - Tyco Electronics MRF429 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Supply Voltage
Figure 4. Power Gain versus Frequency
Figure 5. RF Safe Operating Area (SOAR)
Figure 6. fT versus Collector Current
Figure 7. IMD versus Pout
2
0
Pin, INPUT POWER (WATTS)
f = 30 MHz
ICQ = 150 mA
40 V
28 V
250
200
150
100
50
0
46
8
10
VCC = 50 V
20
VCC, SUPPLY VOLTAGE (VOLTS)
40
60
30
50
f = 30, 30.001 MHz
ICQ = 150 mA
IMD = d3
-35 dB
IMD = -30 dB
250
200
150
100
50
0
1
f, FREQUENCY (MHz)
2
VCC = 50 V
ICQ = 150 mA
Pout = 150 W
30
20
10
25
15
0
4
7
15
30
60
100
1
OUTPUT VSWR
3
250
200
150
100
350
300
510
30 50
f = 30.000 MHz
ICQ = 150 mA
VCC = 50 V
TC = 50°C
100°C
5
0
IC, COLLECTOR CURRENT (AMPS)
250
200
150
100
50
0
10
14
VCC = 30 V
15 V
Pout, OUTPUT POWER (WATTS PEP)
0
-25
-30
-35
-40
-45
-50
20
40
60
80
100
120
140
160
d3
d5
VCC = 50 V
f = 30, 30.001 MHz
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com