Electronic Components Datasheet Search
  English  ▼

X  

SGA1263Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA1263Z
Description  DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA1263Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA1263Z Datasheet HTML 1Page - RF Micro Devices SGA1263Z Datasheet HTML 2Page - RF Micro Devices SGA1263Z Datasheet HTML 3Page - RF Micro Devices SGA1263Z Datasheet HTML 4Page - RF Micro Devices SGA1263Z Datasheet HTML 5Page - RF Micro Devices SGA1263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA1263Z
-4 0
-3 0
-2 0
-1 0
0
0
6
12
18
24
-8 0
-6 0
-4 0
-2 0
0
-4 0
-3 0
-2 0
-1 0
0
S21, Id =8 mA, T=+25C
dB
Frequency MHz
dB
dB
dB
Frequency MHz
S12, Id =8 mA, T=+25C
S22, Id =8 mA, T=+25C
Frequency MHz
Frequency MHz
S11, Id =8 mA, T=+25C
S11, Id=8 mA, Ta= +25C
S22, Id=8 mA, Ta= +25C
Freq. Min = 0.1 GHz
Freq. Max = 6.0 GHz
Freq. Min = 0.1 GHz
Freq. Max = 6.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com