Electronic Components Datasheet Search
  English  ▼

X  

SGA1263Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA1263Z
Description  DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA1263Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGA1263Z Datasheet HTML 1Page - RF Micro Devices SGA1263Z Datasheet HTML 2Page - RF Micro Devices SGA1263Z Datasheet HTML 3Page - RF Micro Devices SGA1263Z Datasheet HTML 4Page - RF Micro Devices SGA1263Z Datasheet HTML 5Page - RF Micro Devices SGA1263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA1263Z
Part Identification Marking
Ordering Information
Ordering Code
Description
SGA1263Z
7" Reel with 3000 pieces
SGA1263ZSQ
Sample bag with 25 pieces
SGA1263ZSR
7” Reel with 100 pieces
SGA1263Z-EVB1
850MHz, 5V Operation PCBA
1 2 3
6 5 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com