Electronic Components Datasheet Search
  English  ▼

X  

SGA2163Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA2163Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2163Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA2163Z Datasheet HTML 1Page - RF Micro Devices SGA2163Z Datasheet HTML 2Page - RF Micro Devices SGA2163Z Datasheet HTML 3Page - RF Micro Devices SGA2163Z Datasheet HTML 4Page - RF Micro Devices SGA2163Z Datasheet HTML 5Page - RF Micro Devices SGA2163Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS150112
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA2163Z
Basic Application Circuit
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
Mounting Instructions
1. Use a large ground pad area near device pins 1, 2,
4, and 5 with many plated through-holes as shown.
2. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.
Application Circuit Element Values
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
0
2
=
R
S
A
I
B
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
S)V
5V
6V
8V
0
1
R
S
A
I
B
0
4
10
0
20
0
30
9
3
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
ti
li
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
3
4,5
6
1,2
1000
pF
SGA2163Z
1 uF
R
BIAS
1000 pF
C
B
C
B
C
D
L
C
V
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com