Electronic Components Datasheet Search
  English  ▼

X  

SGA2163Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA2163Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2163Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA2163Z Datasheet HTML 1Page - RF Micro Devices SGA2163Z Datasheet HTML 2Page - RF Micro Devices SGA2163Z Datasheet HTML 3Page - RF Micro Devices SGA2163Z Datasheet HTML 4Page - RF Micro Devices SGA2163Z Datasheet HTML 5Page - RF Micro Devices SGA2163Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA2163Z
DC to 5000MHz, CASCADABLE SiGe HBT
MMIC AMPLIFIER
The SGA2163Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
Gain & Return Loss vs. Freq. @T
L=+25°C
0
3
6
9
12
01
2345
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Broadband Operation: DC to
5000MHz
Cascadable 50
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS150112
Package: SOT-363
SGA2163Z
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
9.5
10.5
11.5
dB
850MHz
9.8
dB
1950MHz
9.6
dB
2400MHz
Output Power at 1dB Compression
7.1
dBm
850MHz
6.2
dBm
1950MHz
Output Third Intercept Point
21.0
dBm
850MHz
18.0
dBm
1950MHz
Bandwidth Determined by Return
Loss
5000
MHz
>10dB
Input Return Loss
22.5
dB
1950MHz
Output Return Loss
24.8
dB
1950MHz
Noise Figure
4.4
dB
1950MHz
Device Operating Voltage
1.9
2.2
2.5
V
Device Operating Current
17
20
23
mA
Thermal Resistance
255
°C/W
junction - lead
Test Conditions: VS=5V, ID=20mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-10dBm, RBIAS=140, TL=25°C, ZS=ZL=50


Similar Part No. - SGA2163Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186ZPCK1 RFMD-SGA2186ZPCK1 Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186ZSQ RFMD-SGA2186ZSQ Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186ZSR RFMD-SGA2186ZSR Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA2163Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA2463Z RFMD-SGA2463Z Datasheet
456Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2286Z RFMD-SGA2286Z Datasheet
285Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4286Z RFMD-SGA4286Z Datasheet
293Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5386Z RFMD-SGA5386Z Datasheet
286Kb / 7P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com