Electronic Components Datasheet Search
  English  ▼

X  

RFCA1008 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RFCA1008
Description  5V Single Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA1008 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RFCA1008 Datasheet HTML 15Page - RF Micro Devices RFCA1008 Datasheet HTML 16Page - RF Micro Devices RFCA1008 Datasheet HTML 17Page - RF Micro Devices RFCA1008 Datasheet HTML 18Page - RF Micro Devices RFCA1008 Datasheet HTML 19Page - RF Micro Devices RFCA1008 Datasheet HTML 20Page - RF Micro Devices RFCA1008 Datasheet HTML 21Page - RF Micro Devices RFCA1008 Datasheet HTML 22Page - RF Micro Devices RFCA1008 Datasheet HTML 23Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21 of 23
RFCA1008
DS130627
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Suggested Pad Layout
Pin Names and Descriptions
Pin
Name
Description
1RFIN
RF input pin. External DC-blocking capacitor is required.
2GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground
leads as possible.
3GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground
leads as possible.
4RFIN
RF input pin. External DC-blocking capacitor is required.
5RFOUT/VCC
RF output and bias pin (open collector).
6GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground
leads as possible.
7GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground
leads as possible.
8RFOUT/VCC
RF output and bias pin (open collector).
EPAD
GND
Exposed area on the bottom side of the package must be soldered to the ground plane of the board for
optimum thermal and RF performance. Several vias should be located under the EPAD as shown in the
recommended land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com