Electronic Components Datasheet Search
  English  ▼

X  

RFCA1008 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFCA1008
Description  5V Single Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA1008 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFCA1008 Datasheet HTML 5Page - RF Micro Devices RFCA1008 Datasheet HTML 6Page - RF Micro Devices RFCA1008 Datasheet HTML 7Page - RF Micro Devices RFCA1008 Datasheet HTML 8Page - RF Micro Devices RFCA1008 Datasheet HTML 9Page - RF Micro Devices RFCA1008 Datasheet HTML 10Page - RF Micro Devices RFCA1008 Datasheet HTML 11Page - RF Micro Devices RFCA1008 Datasheet HTML 12Page - RF Micro Devices RFCA1008 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9 of 23
RFCA1008
DS130627
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Evaluation Board Assembly Drawing
(17dB, 50MHz to 1000MHz Application Circuit)
J2
J1
JP2
JP1
2-56 Screw (6X)
NOTE: Attach assembled PCB to heat sink block EEF-105441
using six (6) 2-56 screws
JP3
JP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com