Electronic Components Datasheet Search
  English  ▼

X  

PLBT2016 Datasheet(PDF) 14 Page - P-tec Corporation

Part # PLBT2016
Description  High Power 2016 SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT2016 Datasheet(HTML) 14 Page - P-tec Corporation

Back Button PLBT2016 Datasheet HTML 8Page - P-tec Corporation PLBT2016 Datasheet HTML 9Page - P-tec Corporation PLBT2016 Datasheet HTML 10Page - P-tec Corporation PLBT2016 Datasheet HTML 11Page - P-tec Corporation PLBT2016 Datasheet HTML 12Page - P-tec Corporation PLBT2016 Datasheet HTML 13Page - P-tec Corporation PLBT2016 Datasheet HTML 14Page - P-tec Corporation PLBT2016 Datasheet HTML 15Page - P-tec Corporation PLBT2016 Datasheet HTML 16Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.p-tec.net
102014 Rev0 JAS
Page 14 of 16
Reflow Temperature / Time
Notes:
1.
We recommend reflow temp of 240°C (±5°C). The maximum soldering temperature should b limited to 260°C
2.
Do not cause stress to the epoxy resin while it is exposed to high temperature
3.
Number of reflow process should not exceed 3 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com