Electronic Components Datasheet Search
  English  ▼

X  

PLBT2016 Datasheet(PDF) 3 Page - P-tec Corporation

Part # PLBT2016
Description  High Power 2016 SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT2016 Datasheet(HTML) 3 Page - P-tec Corporation

  PLBT2016 Datasheet HTML 1Page - P-tec Corporation PLBT2016 Datasheet HTML 2Page - P-tec Corporation PLBT2016 Datasheet HTML 3Page - P-tec Corporation PLBT2016 Datasheet HTML 4Page - P-tec Corporation PLBT2016 Datasheet HTML 5Page - P-tec Corporation PLBT2016 Datasheet HTML 6Page - P-tec Corporation PLBT2016 Datasheet HTML 7Page - P-tec Corporation PLBT2016 Datasheet HTML 8Page - P-tec Corporation PLBT2016 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.p-tec.net
102014 Rev0 JAS
Page 3 of 16
PLBT20161W-YDCW
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
1.0
W
Continuous Forward Current
IAF
350
mA
Pulsed Forward Current
IFP
1000 (Note1)
mA
Reverse Voltage
Vr
-5
V
Dice Temperature
Tj
115°
°C
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-40~+100
°C
Soldering Temperature
Tsol
240°for5sec
°C
Notes:
1.
Duty 1/10 Pulse Width 0.1ms
2.
For other ambient, limited setting of current will depend on de-rating curves.
3. When drive on maximum current, TJ must be kept below 115°C
Electrical and Optical Characteristics at Ta=25°C
PLBT2016.2-YDCW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
3.0
--
3.6
V
IF=60mA
Reverse Current
Ir
--
--
10
µA
Vr=5V
Viewing Angle
2Ø1/2
--
120±10°
--
Deg
IF=60mA
PLBT2016.5-YDCW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
3.0
--
3.6
V
IF=100mA
Reverse Current
Ir
--
--
10
µA
Vr=5V
Viewing Angle
2Ø1/2
--
120±10°
--
Deg
IF=100mA
PLBT20161W-YDCW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
3.0
--
3.6
V
IF=350mA
Reverse Current
Ir
--
--
10
µA
Vr=5V
Viewing Angle
2Ø1/2
--
120±10°
--
Deg
IF=350mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com