Electronic Components Datasheet Search
  English  ▼

X  

SPA1118Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SPA1118Z
Description  850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA1118Z Datasheet(HTML) 1 Page - RF Micro Devices

  SPA1118Z Datasheet HTML 1Page - RF Micro Devices SPA1118Z Datasheet HTML 2Page - RF Micro Devices SPA1118Z Datasheet HTML 3Page - RF Micro Devices SPA1118Z Datasheet HTML 4Page - RF Micro Devices SPA1118Z Datasheet HTML 5Page - RF Micro Devices SPA1118Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SPA1118Z
850MHz 1WATT POWER AMPLIFIER WITH
ACTIVE BIAS
RFMD’s SPA1118Z is a high efficiency GaAs Heterojunction Bipolar Tran-
sistor (HBT) amplifier housed in a low-cost surface-mountable plastic
package. These HBT amplifiers are fabricated using molecular beam epi-
taxial growth technology which produces reliable and consistent perfor-
mance from wafer to wafer and lot to lot. This product is specifically
designed for use as a driver amplifier for infrastructure equipment in the
850MHz band. Its high linearity makes it an ideal choice for wireless data
and digital applications.
VCC
VBIAS
RFIN
N/C
RFOUT/
VCC
Active Bias
Input
Match
N/C
N/C
N/C
High Linearity Performance
+21dBm IS-95 Channel
Power at -55dBc ACP
+48dBm OIP3 Typ.
On-Chip Active Bias Control
Patented High Reliability
GaAs HBT Technology
Surface-Mountable Plastic
Package
Applications
Multi-Carrier Applications
AMPS, ISM Applications
DS121024
Package: Exposed Pad SOIC-8
SPA1118Z
850MHz
1Watt Power
Amplifier with
Active Bias
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
810
960
MHz
Output Power at 1dB Compression
29.5
dBm
Adjacent Channel Power
-57.0
-54.0
dBc
IS-95 at 880MHz, ±885 KHz, POUT=21dBm
Small Signal Gain
16.2
17.2
18.2
dB
880MHz
Input VSWR
1.5:1
Output Third Order Intercept Point
48.0
dBm
Power out per tone=+14dBm
Noise Figure
7.5
dB
Device Current
275
310
330
mA
Device Voltage
4.75
5.0
5.25
V
Thermal Resistance (junction-lead)
35
°C/W
TL=85°C
Test Conditions: Z0=50 VCC=5V Temp=25°C


Similar Part No. - SPA1118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60C2 INFINEON-SPA11N60C2 Datasheet
160Kb / 14P
Cool MOS??Power Transistor
2002-08-12
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
352Kb / 14P
Cool MOS??Power Transistor
2003-07-01
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
662Kb / 15P
Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
659Kb / 16P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
logo
Inchange Semiconductor ...
SPA11N60C3 ISC-SPA11N60C3 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SPA1118Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SBB-1089 SIRENZA-SBB-1089 Datasheet
134Kb / 6P
50-850MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
SZA-6044 RFMD-SZA-6044 Datasheet
222Kb / 8P
5.1GHzto5.9GHz 쩌WATT POWER AMPLIFIER WITH ACTIVE BIAS
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
Qorvo, Inc
SZA_6044 QORVO-SZA_6044 Datasheet
222Kb / 8P
5.1GHzto5.9GHz 1/4WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com