Electronic Components Datasheet Search
  English  ▼

X  

46205000000 Datasheet(PDF) 2 Page - Littelfuse

Part # 46205000000
Description  250V/350V VAC/VDC Time Lag Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

46205000000 Datasheet(HTML) 2 Page - Littelfuse

  46205000000 Datasheet HTML 1Page - Littelfuse 46205000000 Datasheet HTML 2Page - Littelfuse 46205000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/12/15
Surface Mount Fuses
NANO2® > 250V/350V VAC/VDC Time Lag Fuse > 462 Series
Average Time Current Curves
1
10
100
1000
10000
100000
CURRENT IN AMPERES
0.01
0.1
0.1
1
10
100
0.001
462 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters
Temperature Re-rating Curve
Reflow Condition
Pb – free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 120 seconds
Average Ramp-up Rate (LiquidusTemp
(T
L) to peak)
5°C/second max.
T
S(max) to TL - Ramp-up Rate
5°C/second max.
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 90 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max.
Time 25°C to peakTemperature (T
P)
8 minutes max.
Note:
1. Rerating depicted in this curve is in addition to the standard derating of 25% for
continuous operation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com