Electronic Components Datasheet Search
  English  ▼

X  

46205000000 Datasheet(PDF) 3 Page - Littelfuse

Part # 46205000000
Description  250V/350V VAC/VDC Time Lag Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

46205000000 Datasheet(HTML) 3 Page - Littelfuse

  46205000000 Datasheet HTML 1Page - Littelfuse 46205000000 Datasheet HTML 2Page - Littelfuse 46205000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/12/15
Surface Mount Fuses
NANO2® > 250V/350V VAC/VDC Time Lag Fuse > 462 Series
Materials
Body: Plastic UL 94 V-0
Cap: Tin-plated brass
Product Marking
Body: Brand Logo, “T” for Time-Lag,
Current Rating, L Voltage Rating, UMF logo
Solderability
IEC 60068-2-58
Reistance to
Soldering Heat
IEC 60068-2-58
Operating
Temperature
–40°C to +85°C with proper derating
Climatic Category
IEC60068-1, -2-1, -2-2, -2-78
(–40°C to +85°C / 21 days)
Vibration
IEC60068-6 (24 cycles of 15 mins each,
1-60 Hz at 0.75mm amplitute, 60-2000 Hz
at 10g acceleration)
Moisture
Sensitivity Level
J-STD-020, Level 1
Product Characteristics
Recommended Pad Layout
4.5 ± 0.1
10.5 ± 0.2
2.82.8
1.41.4
W
T 800mA
462 L 250V
462 0 500 0 0 0 0
AMP CODE
0: < 1A
1: > 1A
RESERVE CHARACTER
0: Default
PACKAGING CODE
0: Tape and Reel, 1500 pcs
VARIANT
0: Standard
KIND
0: Standard
AMP RATING
100: 1A
125: 1.25A
160: 1.6A
200: 2A
250: 2.5A
315: 3.15A
400: 4A
500: 500mA, 5A
630: 630mA
800: 800mA
SERIES
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
16mm Tape and Reel
IEC 60286, part 3
1500
0
Examples:
0.5 amp (500mA) product is
462 0 500 0 0 0 0
5.0 amp product is
462 1 500 0 0 0 0
Please refer to Amp Code column of
the Electrical Specifications table on
the first page of this document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com