Electronic Components Datasheet Search
  English  ▼

X  

AN95089 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # AN95089
Description  BLE Crystal Oscillator Selection and Tuning Techniques
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN95089 Datasheet(HTML) 1 Page - Ramtron International Corporation

  AN95089 Datasheet HTML 1Page - Ramtron International Corporation AN95089 Datasheet HTML 2Page - Ramtron International Corporation AN95089 Datasheet HTML 3Page - Ramtron International Corporation AN95089 Datasheet HTML 4Page - Ramtron International Corporation AN95089 Datasheet HTML 5Page - Ramtron International Corporation AN95089 Datasheet HTML 6Page - Ramtron International Corporation AN95089 Datasheet HTML 7Page - Ramtron International Corporation AN95089 Datasheet HTML 8Page - Ramtron International Corporation AN95089 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.cypress.com
Document No. 001-95089 Rev. *A
1
AN95089
PSoC
® 4/PRoC™ BLE Crystal Oscillator Selection and Tuning Techniques
Author: Prakhar Agarwal
Associated Part Family: CY8C4XX7-BL, CY8C4xx8-BL, CYBL10X6X, CYBL10x7x
Related Application Notes: None
AN95089 provides insights into the selection and tuning of the external crystal oscillator (ECO) and watch crystal oscillator
(WCO) for PSoC 4/ PRoC BLE devices to achieve a good RF performance. This application note introduces basics of
crystals and clock accuracy measurements. Cypress-recommended crystals and tuning techniques for optimum
performance are also discussed.
Contents
1
Introduction...............................................................1
2
Crystal Oscillator Basics ...........................................2
2.1
Crystal Oscillator Circuitry................................2
2.2
Load Cap Value (CL)........................................2
2.3
Crystal Equivalent RLC Circuit.........................4
2.4
Drive Level.......................................................5
2.5
PPM Error ........................................................5
3
Effects of Inaccurate ECO Crystal Frequency
on RF Performance ..................................................5
4
Crystal Tuning Technique for ECO...........................6
4.1
Steps to Correct Clock Inaccuracy...................7
5
Is Tuning Required for Each Board? ........................8
6
Crystal Analysis for ECO ........................................10
6.1
Frequency Variation with Temperature ..........10
6.2
Frequency Variation with Load Cap Value.....10
7
Recommendation for ECO .....................................11
8
Crystal Analysis for WCO .......................................11
8.1
Frequency Variation with Temperature..........11
8.2
Start-Up Time and ESR .................................12
8.3
Load Capacitance..........................................12
8.4
CL and Clock Accuracy .................................13
8.5
Frequency Variation Across Boards ..............13
9
Recommendations for WCO...................................14
10
Layout Considerations for PCB ..............................14
11
Summary ................................................................15
12
References .............................................................15
13
Appendix: Frequency Error
(Transmit Center Frequency Tolerance) ................17
Worldwide Sales and Design Support.............................19
1
Introduction
This application note helps you select the ECO crystal and the WCO crystal for PSoC 4/PRoC BLE devices and tune
them for optimum performance.
Bluetooth Low Energy (BLE) is a timing-sensitive technology in which an inaccurate ECO clock can degrade the
physical layer RF performance; similarly, an inaccurate WCO clock can lead to increased power consumption in a
peripheral.
The on-chip ECO circuit with an external crystal is used to synthesize a 24-MHz clock to run the BLE subsystem. The
clock sets the protocol timing for link-layer operations and derives the carrier frequency for physical-layer RF circuits.
An external WCO crystal is used to derive the 32.768-kHz clock that maintains link-layer timing synchronization when
the BLE subsystem is in a low-power mode.


Similar Part No. - AN95089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN957 ETC-AN957 Datasheet
235Kb / 13P
Measuring HEXFETCharacteristics
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
TouchXpress Configuration and Profiling Guide
AN958 SILABS-AN958 Datasheet
582Kb / 19P
Debugging and Programming Interfaces for Custom Designs
Rev. 0.7
More results

Similar Description - AN95089

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
Tuning Fork Crystal
28-Mar-03
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
Tuning Fork Crystal
18-Oct-07
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
Tuning Fork Crystal
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
32.768kHz output Tuning fork Quartz Crystal Oscillator IC
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
logo
Raltron Electronics Cor...
R26-32.768-12.5-EXT-SMD RALTRON-R26-32.768-12.5-EXT-SMD Datasheet
374Kb / 3P
TUNING FORK CRYSTAL
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
Tuning Fork Crystal
logo
AiT Semiconductor Inc.
KMC8038 AITSEMI-KMC8038 Datasheet
225Kb / 1P
TUNING FORK CRYSTAL
KSM2060 AITSEMI-KSM2060 Datasheet
234Kb / 1P
TUNING FORK CRYSTAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com