Electronic Components Datasheet Search
  English  ▼

X  

AN95089 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # AN95089
Description  BLE Crystal Oscillator Selection and Tuning Techniques
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN95089 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button AN95089 Datasheet HTML 9Page - Ramtron International Corporation AN95089 Datasheet HTML 10Page - Ramtron International Corporation AN95089 Datasheet HTML 11Page - Ramtron International Corporation AN95089 Datasheet HTML 12Page - Ramtron International Corporation AN95089 Datasheet HTML 13Page - Ramtron International Corporation AN95089 Datasheet HTML 14Page - Ramtron International Corporation AN95089 Datasheet HTML 15Page - Ramtron International Corporation AN95089 Datasheet HTML 16Page - Ramtron International Corporation AN95089 Datasheet HTML 17Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PSoC® 4/PRoC™ BLE Crystal Oscillator Selection and Tuning Techniques
www.cypress.com
Document No. 001-95089 Rev. *A
13
Figure 11. External Application View of PSoC 4/PRoC BLE Devices
C2
CL = 6 pF or12.5pF
CL = 6pF, C1=18pF C2=9pF
CL = 12.5pF, C1=37.5 pF C2=18.75pF
Y1=32. 768kHz
C1
P6[1]
P6[0]
+ Cstray
CL =
(C1 xC2)
(C1+C2)
A higher C1/C2 ratio results in a higher current consumption but improved duty cycle.
Based on extensive characterization, a ratio of 2:1 (C1= 2×C2) for the external capacitors is found to be optimal with
respect to the performance and power consumption. The tradeoff for using a 2:1 ratio is slightly higher ICC (Integrated
Chip Current) of up to 100 nA. For a 2:1 ratio, the recommended external capacitor values are
C1 = 37.5 pF, C2 = 18.75 pF (for CL = 12.5 pF)
C1 = 18 pF, C2 = 9 pF (for CL = 6 pF)
8.4
CL and Clock Accuracy
The parasitic capacitance due to trace lines and pads can vary depending on the board layout. You should take into
account the parasitic capacitance of each leg while calculating the load capacitance.
The load capacitance may be further tuned to achieve a better clock accuracy. This can be done as follows:
If the average ppm is negative (i.e., the measured frequency is less than 32.768 kHz), then decrease both C1
and C2 capacitance values, while keeping the ratio of C1 to C2 to within 10 percent of the recommended 2:1 ratio
(a ratio of 1.8 to 2.2 is acceptable if exact capacitance values are not available). However, if the negative ppm
change is very small, then only C2 can be changed.
If the average ppm is positive (i.e., the measured frequency is more than 32.768 kHz), then increase both C1 and
C2 capacitance values while keeping the ratio of C1 to C2 to within 10 percent of the recommended 2:1 ratio (a
ratio of 1.8 to 2.2 is acceptable if exact capacitance values are not available). However, if the positive ppm
change is very small, then only C2 can be changed.
8.5
Frequency Variation Across Boards
Table 3 and Figure 12 show the frequency deviation (ppm) for a WCO measured across different boards having the
same load capacitance values (in the ratio of 2:1). The table also shows how tuning the load capacitance within the
recommended 10 percent variation range further reduces the ppm. Tuning is done only for one board; the same
tuned capacitor values are used for all the boards.
Table 3. ppm Across Boards for 2:1 Cap Ratio
Board
ppm Before Tuning
ppm After Tuning
1
76.29
56.45
2
39.36
33.56
3
52.49
45.77
4
63.47
54.93
5
44.55
37.23
6
64.69
43.94
7
68.35
50.65
8
70.19
51.87
9
62.56
40.58
10
42.72
34.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com