Electronic Components Datasheet Search
  English  ▼

X  

MJE13005DF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MJE13005DF
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJE13005DF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MJE13005DF Datasheet HTML 1Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 2Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 3Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2014. 2. 07
2/4
MJE13005DF
Revision No : 3
*Pulse Test : Pulse Width = 5mS, Duty cycles
≤10%
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Transition Frequency
fT
VCE=10V, IC=0.5A
4
-
-
MHz
Turn-On Time
ton
-
-
0.15
μS
Storage Time
tstg
-
-
5
μS
Fall Time
tf
-
-
0.8
μS
Diode Forward Voltage
VF
IF=2A
-
-
1.6
V
*Reverse recovery tims (di/dt=10A/
μS)
trr
IF=0.4A
-
800
-
nS
IF=1A
-
1.4
-
μS
IF=2A
-
1.9
-
μS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com