Electronic Components Datasheet Search
  English  ▼

X  

MJE13005DF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MJE13005DF
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJE13005DF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MJE13005DF Datasheet HTML 1Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 2Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 3Page - KEC(Korea Electronics) MJE13005DF Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 2. 07
1/4
SEMICONDUCTOR
TECHNICAL DATA
MJE13005DF
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 3
HIGH VOLTAGE HIGH SPEED POWER SWITCH
APPLICATION.
・Built-in Free wheeling Diode makes efficient anti saturation operation.
・Suitable for half bridge light ballast Applications.
・Low base drive requirement.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
DC
IC
5
A
Pulse
ICP
10
Base Current
IB
2
A
Collector Power Dissipation (Tc=25
℃)
PC
30
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=700, IE=0
-
-
10
μA
IEBO
VEB=9V, IC=0
-
-
10
μA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10mA, IE=0
800
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
10
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=5V, IC=1A
18
-
35
hFE(2)
VCE=5V, IC=2A
8
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=0.2A
-
-
0.5
V
IC=2A, IB=0.5A
-
-
0.6
IC=4A, IB=1A
-
-
1
Base-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=0.2A
-
-
1.2
V
IC=2A, IB=0.5A
-
-
1.6
Collector Output Capacitance
Cob
VCB=10V, f=1MHz
-
65
-
pF
Note : hFE Classification R : 18~27, O : 23~35


Similar Part No. - MJE13005DF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE13005D KEC-MJE13005D Datasheet
51Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005D KEC-MJE13005D Datasheet
67Kb / 4P
TRIPLE DIFFUSED NPN TRANSISTOR
logo
Unisonic Technologies
MJE13005D UTC-MJE13005D Datasheet
108Kb / 3P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJE13005D ISC-MJE13005D Datasheet
147Kb / 2P
Silicon NPN Power Transistor
logo
Shenzhen SI Semiconduct...
MJE13005D SISEMIC-MJE13005D Datasheet
237Kb / 4P
NPN D SERIES TRANSISTORS
More results

Similar Description - MJE13005DF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35CA KEC-TIP35CA Datasheet
445Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com