Electronic Components Datasheet Search
  English  ▼

X  

MA4PH151 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MA4PH151
Description  Surface Mount Plastic PIN Diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PH151 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button MA4PH151 Datasheet HTML 3Page - Tyco Electronics MA4PH151 Datasheet HTML 4Page - Tyco Electronics MA4PH151 Datasheet HTML 5Page - Tyco Electronics MA4PH151 Datasheet HTML 6Page - Tyco Electronics MA4PH151 Datasheet HTML 7Page - Tyco Electronics MA4PH151 Datasheet HTML 8Page - Tyco Electronics MA4PH151 Datasheet HTML 9Page - Tyco Electronics MA4PH151 Datasheet HTML 10Page - Tyco Electronics MA4PH151 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
8
Mounting Information
The illustration indicates the recommended mounting pad
configuration for the SOT-23, SOT-323 , SOD-323,
SOT-143, and SC-79 packages. Solder paste containing
flux should be screened onto the pads to a thickness of
0.005- 0.007 inches.
The plastic package device is
placed in position, firmly adhering to the solder past.
Permanent attachment is performed by a reflow soldering
procedure during which the tab temperature does not
exceed +275
°C and the body temperature does not
exceed +250
°C.
PIN Diode Cross Reference
Many of M/A-COM’s glass axial lead hermetic surface
mount and plastic PIN diodes use similar chips and,
therefore, have the same electrical characteristics, except
for package parasitics.
The following table lists the SOT-23, SOT-323 and
SOD-323 PIN diodes by model number and standard axial
lead PIN diode and the equivalent square surface mount
(SMQ) PIN diodes.
SOT-23
Diodes
Axial Lead
Glass Diodes
SMQ
Diodes
MA4P274-287T
MA47123
MA4PH236
MA4P275-287T
MA4P270
MA4PH235
MA4P277-287T
MA47110
MA4PH238
MA4P278-287T
MA47100
MA4P282-287T
MA4PH151
MA4P789-287T
MA4PH401
SOT-323
Diodes
Axial Lead
Glass Diodes
SMQ
Diodes
MA4P274-1146T
MA47123
MA4PH236
MA4P275-1146T
MA4P270
MA4PH235
MA4P277-1146T
MA47110
MA4PH238
MA4P278-1146T
MA47100
MA4P282-1146T
MA4PH151
MA4P789-1146T
MA4PH401
SOD-323
Diodes
Axial Lead
Glass Diodes
SMQ
Diodes
MA4P274-1141T
MA47123
MA4PH236
MA4P275-1141T
MA4P270
MA4PH235
MA4P277-1141T
MA47110
MA4PH238
MA4P278-1141T
MA47100
MA4P282-1141T
MA4PH151
MA4P789-1141T
MA4PH401
SOT-23
0.75
1.9
.037
0.95
.035
0.90
.090
2.2
.030
0.80
inches
mm
Dimenstions:
min.
min.
SOD-323
SOT-323
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
.090
2.2
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com