Electronic Components Datasheet Search
  English  ▼

X  

MA4PH151 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MA4PH151
Description  Surface Mount Plastic PIN Diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PH151 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MA4PH151 Datasheet HTML 3Page - Tyco Electronics MA4PH151 Datasheet HTML 4Page - Tyco Electronics MA4PH151 Datasheet HTML 5Page - Tyco Electronics MA4PH151 Datasheet HTML 6Page - Tyco Electronics MA4PH151 Datasheet HTML 7Page - Tyco Electronics MA4PH151 Datasheet HTML 8Page - Tyco Electronics MA4PH151 Datasheet HTML 9Page - Tyco Electronics MA4PH151 Datasheet HTML 10Page - Tyco Electronics MA4PH151 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Typical Forward Resistance vs DC Bias Current Curves @ 100 MHz
Resistance vs Forward Current
(MA4P282 Series)
Resistance vs Forward Current
(MA4P789 Series)
Resistance vs Forward Current
(MA4P277 Series)
7
Resistance vs Forward Current
(MA4P278 Series)
Resistance vs Forward Current
(MA4P275 Series)
Resistance vs Forward Current
(MA4P274 Series)
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
1
10
100
1000
10000
100000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com